Part Number Hot Search : 
2SA2099 60300 2SC4350 CLL4741A 60300 PZU12B1 51181 2SC4350
Product Description
Full Text Search
 

To Download MMDT3906L-AL6-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  unisonic technologies co., ltd mmdt3906 preliminary pnp epitaxial si licon transistor www.unisonic.com.tw 1 of 4 copyright ? 2011 unisonic technologies co., ltd qw-r218-014.a dual pnp small signal surface mount transistor ? description the utc mmdt3906 is a dual pnp small signal surface mount transistor. it?s suitable for low power amplification and switch. ? features * suitable for low power amplification and switching * epitaxial planar die construction * extremely-small surface mount package ? ordering information ordering number lead free halogen free package packing MMDT3906L-AL6-R mmdt3906g-al6-r sot-363 tape reel MMDT3906L-AL6-R (1)packing type (2)package type (1) r: tape reel (2) al6: sot-363 (3) halogen free, l: lead free (3)lead free
mmdt3906 preliminary pnp epitaxial si licon transistor unisonic technologies co., ltd 2 of 4 www.unisonic.com.tw qw-r218-014.a ? marking ? pin configuration c 2 b 1 e 1 e 2 b 2 c 1 123 456
mmdt3906 preliminary pnp epitaxial si licon transistor unisonic technologies co., ltd 3 of 4 www.unisonic.com.tw qw-r218-014.a ? absolute maximum ratings (t a =25 c, unless otherwise specified) parameter symbol ratings unit collector-base voltage v cbo -40 v collector-emitter voltage v ceo -40 v emitter-base voltage v ebo -5.0 v collector current-continuous i c -200 ma power dissipation p d 200 mw junction temperature t j -55~+150 c storage temperature t stg -55~+150 c note: absolute maximum ratings are those values be yond which the device could be permanently damaged. absolute maximum ratings are stress ratings only and functional device oper ation is not implied. ? thermal data (t a =25 c, unless otherwise specified) parameter symbol ratings unit junction to ambient ja 625 c/w ? electrical characteristics (t a =25 c, unless otherwise specified) parameter symbol test conditions min typ max unit off characteristics (note) collector-base breakdown voltage v (br)cbo i c =-10 a, i e =0 -40 v collector-emitter breakdown voltage v (br)ceo i c =-1.0ma, i b =0 -40 v emitter-base breakdown voltage v (br)ebo i e =-10a, i c =0 -5.0 v collector cutoff current i cex v cb = -30v, v eb(off) =-3.0v -50 na base cutoff current i bl v eb =-30v, v eb(off) =-3.0v -50 na on characteristics (note) i c =-100 a, v ce =-1.0v 60 i c =-1.0ma, v ce =-1.0v 80 i c =-10ma, v ce =-1.0v 100 300 i c =-50ma, v ce =-1.0v 60 dc current gain h fe i c =-100ma, v ce =-1.0v 30 i c =-10ma, i b =-1.0ma -0.25 v collector-emitter satu ration voltage v ce(sat) i c =-50ma, i b =-5.0ma -0.40 v i c =-10ma, i b =-1.0ma -0.65 -0.85 v base-emitter satura tion voltage v be(sat) i c =-50ma, i b =-5.0ma -0.95 v small signal characteristics output capacitance c obo v cb =-5.0v, i e =0, f=1.0mhz 4.5 pf input capacitance c ibo v eb =-0.5v, i c =0, f=1.0mhz 10 pf input impedance h ie 2.0 12 k ? voltage feedback ratio h re 0.1 10 10 -4 small signal current gain h fe 100 400 output admittance h oe v ce =10v, i c =1.0ma, f=1.0khz 3.0 60 s current gain-bandwidth product f t v ce =-20v, i c =-10ma, f=100mhz 250 mhz noise figure nf v ce =-5.0v, i c =-100 a, r s =1.0k ? , f=1.0khz 4.0 db switching characteristics delay time t d 35 ns rise time t r v cc =-3.0v, i c = -10ma, v be(off) =0.5v, i b1 = -1.0ma 35 ns storage time t s 225 ns fall time t f v cc =-3.0v, i c = -10ma, i b1 = i b2 =-1.0ma 75 ns note: short duration pulse test used to minimize self-heating effect.
mmdt3906 preliminary pnp epitaxial si licon transistor unisonic technologies co., ltd 4 of 4 www.unisonic.com.tw qw-r218-014.a utc assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all utc products described or contained herein. utc products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.


▲Up To Search▲   

 
Price & Availability of MMDT3906L-AL6-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X